Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L5963D-EHT Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce L5963D-EHT
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963D-EHT Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button L5963D-EHT Datasheet HTML 32Page - STMicroelectronics L5963D-EHT Datasheet HTML 33Page - STMicroelectronics L5963D-EHT Datasheet HTML 34Page - STMicroelectronics L5963D-EHT Datasheet HTML 35Page - STMicroelectronics L5963D-EHT Datasheet HTML 36Page - STMicroelectronics L5963D-EHT Datasheet HTML 37Page - STMicroelectronics L5963D-EHT Datasheet HTML 38Page - STMicroelectronics L5963D-EHT Datasheet HTML 39Page - STMicroelectronics L5963D-EHT Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Thermal design
L5963
36/45
DocID028553 Rev 1
It is possible to improve performance and application thermal behavior, adopting some
expedients:
Use the bottom layer as heat-sink
Inner layer tracks are sunk to the ground plane
Use large paths for ground connections, instead of narrow and long paths with sharp
corners, and transfer all ground connections to other layers by a proper number of vias
Place compensation network very close to the chip to reduce noise
Put coils and capacitors close to the pins, and build output path with large and short
tracks
With the layout configuration shown in Figure 15, a Rth of 13°C/W has been reached.
Figure 15. Layout configuration example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45