Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L5963D-EHT Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce L5963D-EHT
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963D-EHT Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button L5963D-EHT Datasheet HTML 16Page - STMicroelectronics L5963D-EHT Datasheet HTML 17Page - STMicroelectronics L5963D-EHT Datasheet HTML 18Page - STMicroelectronics L5963D-EHT Datasheet HTML 19Page - STMicroelectronics L5963D-EHT Datasheet HTML 20Page - STMicroelectronics L5963D-EHT Datasheet HTML 21Page - STMicroelectronics L5963D-EHT Datasheet HTML 22Page - STMicroelectronics L5963D-EHT Datasheet HTML 23Page - STMicroelectronics L5963D-EHT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Functional Description
L5963
20/45
DocID028553 Rev 1
Connecting ENLDO pin directly to its supply VINLDO (it should be higher than 5 V), the
regulator works as a standby regulator. Once ENLDO is ever higher than 5 V, the regulator
works as a standby regulator till VINLDO is powered down, to reset a flag stored in an
internal register.
Figure 10. Enable timing for standby regulator (ENLDO pin connect to supply directly)
The linear regulator works as a non-standby regulator if ENLDO is <5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45