Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L5963D-EHT Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce L5963D-EHT
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963D-EHT Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button L5963D-EHT Datasheet HTML 19Page - STMicroelectronics L5963D-EHT Datasheet HTML 20Page - STMicroelectronics L5963D-EHT Datasheet HTML 21Page - STMicroelectronics L5963D-EHT Datasheet HTML 22Page - STMicroelectronics L5963D-EHT Datasheet HTML 23Page - STMicroelectronics L5963D-EHT Datasheet HTML 24Page - STMicroelectronics L5963D-EHT Datasheet HTML 25Page - STMicroelectronics L5963D-EHT Datasheet HTML 26Page - STMicroelectronics L5963D-EHT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
DocID028553 Rev 1
23/45
L5963
Functional Description
44
6.2.12
Switching regulators
Figure 12. Switching regulators diagram
L5963 embeds two synchronous DC/DC converters that incorporate all the control and
necessary protection circuitries to satisfy a wide range of applications. DC/DC1 and
DC/DC2 are enabled by pin ENSW1 and pin ENSW2 respectively. The two switching
converters employ voltage mode control and feed forward function to provide good load
regulation and line regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45