Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D44H11FP Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce D44H11FP
Description  Complementary power transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D44H11FP Fiches technique(HTML) 5 Page - STMicroelectronics

  D44H11FP Datasheet HTML 1Page - STMicroelectronics D44H11FP Datasheet HTML 2Page - STMicroelectronics D44H11FP Datasheet HTML 3Page - STMicroelectronics D44H11FP Datasheet HTML 4Page - STMicroelectronics D44H11FP Datasheet HTML 5Page - STMicroelectronics D44H11FP Datasheet HTML 6Page - STMicroelectronics D44H11FP Datasheet HTML 7Page - STMicroelectronics D44H11FP Datasheet HTML 8Page - STMicroelectronics D44H11FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
D44H11FP, D45H11FP
Package mechanical data
Doc ID 16096 Rev 3
5/9
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9