| Moteur de recherche de fiches techniques de composants électroniques |
|
D44H11FP Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
D44H11FP Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() March 2011 Doc ID 16096 Rev 3 1/9 9 D44H11FP D45H11FP Complementary power transistors Features ■ Low collector-emitter saturation voltage ■ Fast switching speed Applications ■ Power amplifier ■ Switching circuits Description These low voltage transistors are housed in fully isolated TO-220FP packages and form a complementary pair. They are manufactured in multi epitaxial planar technology for general purpose in linear and switching applications. . Figure 1. Internal schematic diagram TO-220FP 1 2 3 Table 1. Device summary Order codes Marking Polarity Package Packaging D44H11FP D44H11FP NPN TO-220FP Tube D45H11FP D45H11FP PNP TO-220FP Tube www.st.com |
Numéro de pièce similaire - D44H11FP |
|
Description similaire - D44H11FP |