Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCOM10 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STCOM10
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM10 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STCOM10 Datasheet HTML 33Page - STMicroelectronics STCOM10 Datasheet HTML 34Page - STMicroelectronics STCOM10 Datasheet HTML 35Page - STMicroelectronics STCOM10 Datasheet HTML 36Page - STMicroelectronics STCOM10 Datasheet HTML 37Page - STMicroelectronics STCOM10 Datasheet HTML 38Page - STMicroelectronics STCOM10 Datasheet HTML 39Page - STMicroelectronics STCOM10 Datasheet HTML 40Page - STMicroelectronics STCOM10 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
DocID028515 Rev 1
37/58
STCOM
Pinout and pin description
58
156
GPIO02_7
D
I/O
I
General purpose I/O, AT0_BKIN, FSMC_Lbar,
USART4_SCLK
157
GPIO02_6
D
I/O
I
General purpose I/O, AT0_CH_1, FSMC_PCWEn,
USART4_TXD
158
GPIO02_5
D
I/O
I
General purpose I/O, AT0_CHN_1, FSMC_PCOEn,
USART4_RXD
159
GPIO02_4
D
I/O
I
General purpose I/O, AT0_CH_2, FSMC_PCAD_0,
USART4_CTS
160
GPIO02_3
D
I/O
I
General purpose I/O, AT0_CHN_2, FSMC_PCAD_1,
USART4_RTS
161
GPIO02_2
D
I/O
I
General purpose I/O, AT0_CH_3, FSMC_PCAD_2
162
GPIO02_1
D
I/O
I
General purpose I/O, AT0_CHN_3, I2C2_SCL,
FSMC_PCAD_3
163
GPIO02_0
D
I/O
I
General purpose I/O, AT0_CH_4, I2C2_SDA,
FSMC_PCAD_4
164
GPIO01_7
D
I/O
I
General purpose I/O, AT0_ETR, I2C2_SMBA,
FSMC_PCAD_5, I2C1_SMBA
165
GPIO01_6
D
I/O
I
General purpose I/O, I2C1_SCL, CAN1_RX,
FSMC_PCAD_6
166
GPIO01_5
D
I/O
I
General purpose I/O, I2C1_SDA, CAN1_TX,
FSMC_PCAD_7
167
GPIO01_4
D
I/O
I
General purpose I/O, USART1_CTS, CAN0_RX,
FSMC_PCAD_8
168
GPIO01_3
D
I/O
I
General purpose I/O, USART1_RTS, CAN0_TX,
FSMC_PCAD_9
169
GPIO01_2
D
I/O
I
General purpose I/O, USART1_RXD, AT1_ETR,
FSMC_PCAD_10
170
GPIO01_1
D
I/O
I
General purpose I/O, USART1_TXD, AT1_CHN_3,
FSMC_PCAD_11
171
GPIO01_0
D
I/O
I
General purpose I/O, I2C0_SMBA, AT1_CHN_2,
FSMC_PCAD_12, USART1_SCLK
172
GPIO00_7
D
I/O
I
General purpose I/O, I2C0_SCL, AT1_CHN_1,
FSMC_PCAD_13
173
GPIO00_6
D
I/O
I
General purpose I/O, I2C0_SDA, AT1_CH_4,
FSMC_PCAD_14
174
GPIO00_5
D
I/O
I
General purpose I/O, SPI1_SCLK, AT1_CH_3,
FSMC_PCAD_15
175
DVDD_3 V3_IO
S
I
I
I/O 3.3 V supply
Table 7. Pin description (continued)
Pin
Pin name
Type(1) Dir.(2) RS(3)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58