Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCOM10 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STCOM10
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM10 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STCOM10 Datasheet HTML 9Page - STMicroelectronics STCOM10 Datasheet HTML 10Page - STMicroelectronics STCOM10 Datasheet HTML 11Page - STMicroelectronics STCOM10 Datasheet HTML 12Page - STMicroelectronics STCOM10 Datasheet HTML 13Page - STMicroelectronics STCOM10 Datasheet HTML 14Page - STMicroelectronics STCOM10 Datasheet HTML 15Page - STMicroelectronics STCOM10 Datasheet HTML 16Page - STMicroelectronics STCOM10 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
DocID028515 Rev 1
13/58
STCOM
Description
58
25
32
DMA_Ch(8)
DMA global interrupt channel 8
26
33
ADC
ADC global interrupt
27
34
-
Reserved
28
35
-
Reserved
29
36
FSMC_FILL_FIFO
FSMC interface
30
37
SPI1
SPI1 global interrupt
31
38
SPI2
SPI2 global interrupt
32
39
SPI3
SPI3 global interrupt
33
40
SPI4
SPI4 global interrupt
34
41
I2C0_EVENT
I2C0 global event interrupt
35
42
I2C0_ERROR
I2C0 global error interrupt
36
43
I2C1_EVENT
I2C1 global event interrupt
37
44
I2C1_ERROR
I2C1 global error interrupt
38
45
I2C2_EVENT
I2C2 global event interrupt
39
46
I2C2_ERROR
I2C2 global error interrupt
40
47
AT0_BRK
Advanced timer 0 - BRK
41
48
AT0_UP
Advanced timer 0 - update
42
49
AT0_TRG_COM
Advanced timer 0 - trigger and commutation (COM)
43
50
AT0_CC
Advanced timer 0 - 4 CAPCOM
44
51
AT1_BRK
Advanced timer 1 - BRK
45
52
AT1_UP
Advanced timer 1 - update
46
53
AT1_TRG_COM
Advanced timer 1 - trigger and commutation (COM)
47
54
AT1_CC
Advanced timer 1 - 4 CAPCOM
48
55
GPT1
GPT1 - global interrupt
49
56
GPT2
GPT2 - global interrupt
50
57
GPT3
GPT3 - global interrupt
51
58
USART1
USART1 global interrupt
52
59
USART2
USART2 global interrupt
53
60
USART3
USART3 global interrupt
54
61
USART4
USART4global interrupt
55
62
CAN0
CAN0 global interrupt
56
63
CAN1
CAN1 global interrupt
57
64
AES
AES global interrupt
58
65
GPIO00
GPIO00 global interrupt
59
66
GPIO01
GPIO01 global interrupt
Table 2. Interrupt definition and position (continued)
Position Priority
Acronym
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58