| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC564L60L5CFSR Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5CFSR Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 137 page ![]() DocID026934 Rev 1 45/137 RPC56EL60L5 Package pinouts and signal descriptions 136 134 A[9] SIUL GPIO[9] GPIO[9] DSPI_2 CS1 — FlexPWM_0 B[3] B[3] FlexPWM_0 — FAULT[0] 135 VDD_LV_COR — 136 A[13] SIUL GPIO[13] GPIO[13] FlexPWM_0 B[2] B[2] DSPI_2 — SIN FlexPWM_0 — FAULT[0] SIUL — EIRQ[12] 137 VSS_LV_COR — 138 B[6] SIUL GPIO[22] GPIO[22] MC_CGM clk_out — DSPI_2 CS2 — SIUL — EIRQ[18] 139 F[3] SIUL GPIO[83] GPIO[83] DSPI_0 CS6 — 140 D[2] SIUL GPIO[50] GPIO[50] eTimer_1 ETC[3] ETC[3] FlexPWM_0 X[3] X[3] FlexRay — CB_RX 141 FCCU_F[1] FCCU F[1] F[1] 142 C[6] SIUL GPIO[38] GPIO[38] DSPI_0 SOUT — FlexPWM_0 B[1] B[1] SSCM DEBUG[6] — SIUL — EIRQ[24] 143 A[14] SIUL GPIO[14] GPIO[14] FlexCAN_1 TXD — eTimer_1 ETC[4] ETC[4] SIUL — EIRQ[13] Table 3. LQFP144 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |