| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC564L60L5CFSR Fiches technique(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5CFSR Fiches technique(HTML) 26 Page - STMicroelectronics |
|
26 / 137 page ![]() Introduction RPC56EL60L5 26/137 DocID026934 Rev 1 End-of-transmission interrupt flag Programmable transfer baud rate Programmable data frames from 4 to 16 bits As many as 8 chip select lines available, depending on package and pin multiplexing 4 clock and transfer attributes registers Chip select strobe available as alternate function on one of the chip select pins for de- glitching FIFOs for buffering as many as 5 transfers on the transmit and receive side Queueing operation possible through use of the eDMA General purpose I/O functionality on pins when not used for SPI 1.5.30 FlexPWM The pulse width modulator module (FlexPWM) contains four PWM channels, each of which is configured to control a single half-bridge power stage. Two modules are included on LFBGA257 devices; on the LQFP144 package, only one module is present. Additionally, four fault input channels are provided per FlexPWM module. This PWM is capable of controlling most motor types, including: AC induction motors (ACIM) Permanent Magnet AC motors (PMAC) Brushless (BLDC) and brush DC motors (BDC) Switched (SRM) and variable reluctance motors (VRM) Stepper motors A FlexPWM module implements the following features: 16 bits of resolution for center, edge aligned, and asymmetrical PWMs Maximum operating frequency as high as 120 MHz – Clock source not modulated and independent from system clock (generated via secondary FMPLL) Fine granularity control for enhanced resolution of the PWM period PWM outputs can operate as complementary pairs or independent channels Ability to accept signed numbers for PWM generation Independent control of both edges of each PWM output Synchronization to external hardware or other PWM supported Double buffered PWM registers – Integral reload rates from 1 to 16 – Half cycle reload capability Multiple ADC trigger events can be generated per PWM cycle via hardware Fault inputs can be assigned to control multiple PWM outputs Programmable filters for fault inputs Independently programmable PWM output polarity Independent top and bottom deadtime insertion Each complementary pair can operate with its own PWM frequency and deadtime values |