| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC564L60L5CFSR Fiches technique(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC564L60L5CFSR Fiches technique(HTML) 58 Page - STMicroelectronics |
|
58 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 58/137 DocID026934 Rev 1 N17 G[5] SIUL GPIO[101] GPIO[101] FlexPWM_0 X[3] X[3] DSPI_2 CS3 — P1 VSS_HV_OSC — P2 RESET — P3 D[6] SIUL GPIO[54] GPIO[54] DSPI_0 CS2 — FlexPWM_0 X[3] X[3] FlexPWM_0 — FAULT[1] P4 VDD_LV_PLL0_PLL1 — P5 VDD_LV_CORE_RING — P6 VSS_LV_CORE_RING — P7 B[8] SIUL — GPIO[24] eTimer_0 — ETC[5] ADC_0 — AN[1] P8 Not connected — P9 VSS_HV_IO_RING — P10 VDD_HV_IO_RING — P11 B[14] SIUL — GPIO[30] eTimer_0 — ETC[4] SIUL — EIRQ[19] ADC_1 — AN[1] P12 VDD_LV_CORE_RING — P13 VSS_LV_CORE_RING — P14 VDD_HV_IO_RING — P15 G[10] SIUL GPIO[106] GPIO[106] FlexRay DBG2 — DSPI_2 CS3 — FlexPWM_0 — FAULT[2] P16 G[8] SIUL GPIO[104] GPIO[104] FlexRay DBG0 — DSPI_0 CS1 — FlexPWM_0 — FAULT[0] SIUL — EIRQ[21] Table 4. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |