| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC56EL60L5COSR Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5COSR Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 137 page ![]() DocID026934 Rev 1 41/137 RPC56EL60L5 Package pinouts and signal descriptions 136 89 B[4] SIUL GPIO[20] GPIO[20] JTAGC TDO — 90 VSS_HV_IO — 91 VDD_HV_IO — 92 A[3] SIUL GPIO[3] GPIO[3] eTimer_0 ETC[3] ETC[3] DSPI_2 CS0 CS0 FlexPWM_0 B[3] B[3] MC_RGM — ABS[2] SIUL — EIRQ[3] 93 VDD_LV_COR — 94 VSS_LV_COR — 95 VDD_HV_REG_1 — 96 VSS_HV_FLA — 97 VDD_HV_FLA — 98 G[6] SIUL GPIO[102] GPIO[102] FlexPWM_0 A[3] A[3] 99 D[12] SIUL GPIO[60] GPIO[60] FlexPWM_0 X[1] X[1] LINFlexD_1 — RXD 100 G[4] SIUL GPIO[100] GPIO[100] FlexPWM_0 B[2] B[2] eTimer_0 — ETC[5] 101 C[13] SIUL GPIO[45] GPIO[45] eTimer_1 ETC[1] ETC[1] CTU_0 — EXT_IN FlexPWM_0 — EXT_SYNC 102 G[2] SIUL GPIO[98] GPIO[98] FlexPWM_0 X[2] X[2] DSPI_1 CS1 — 103 C[14] SIUL GPIO[46] GPIO[46] eTimer_1 ETC[2] ETC[2] CTU_0 EXT_TGR — Table 3. LQFP144 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |