| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC56EL60L5COSR Fiches technique(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5COSR Fiches technique(HTML) 70 Page - STMicroelectronics |
|
70 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 70/137 DocID026934 Rev 1 B[6] PCR[22 ] SIUL GPIO[22] ALT0 GPIO[22] — —F S 138 B3 MC_CGM clk_out ALT1 — — DSPI_2 CS2 ALT2 — — SIUL — EIRQ[18] — B[7] PCR[23 ] SIUL — ALT0 GPI[23] — —— — 43 R5 LINFlexD_0 — — RXD PSMI[31]; PADSEL= 1 ADC_0 — — AN[0](3) — B[8] PCR[24 ] SIUL — ALT0 GPI[24] — —— — 47 P7 eTimer_0 — — ETC[5] PSMI[8]; PADSEL= 2 ADC_0 — — AN[1](3) — B[9] PCR[25 ] SIUL — ALT0 GPI[25] — —— — 52 U7 ADC_0 ADC_1 —— AN[11](3) — B[10] PCR[26 ] SIUL — ALT0 GPI[26] — —— — 53 R8 ADC_0 ADC_1 — — AN[12](3) — B[11] PCR[27 ] SIUL — ALT0 GPI[27] — —— — 54 T8 ADC_0 ADC_1 — — AN[13](3) — B[12] PCR[28 ] SIUL — ALT0 GPI[28] — —— — 55 U8 ADC_0 ADC_1 — — AN[14](3) — B[13] PCR[29 ] SIUL — ALT0 GPI[29] — —— — 60 R1 0 LINFlexD_1 — — RXD PSMI[32]; PADSEL= 0 ADC_1 — — AN[0](3) — Table 7. Pin muxing (continued) Port name PCR Peripheral Alternate output function Output mux sel Input functions Input mux select Weak pull config during reset Pad speed(1) Pin # SR C = 1 SR C = 0 144 pk g 257 pk g |