Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC56EL60L5COSR Fiches technique(PDF) 73 Page - STMicroelectronics

No de pièce RPC56EL60L5COSR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5COSR Fiches technique(HTML) 73 Page - STMicroelectronics

Back Button RPC56EL60L5COSR Datasheet HTML 69Page - STMicroelectronics RPC56EL60L5COSR Datasheet HTML 70Page - STMicroelectronics RPC56EL60L5COSR Datasheet HTML 71Page - STMicroelectronics RPC56EL60L5COSR Datasheet HTML 72Page - STMicroelectronics RPC56EL60L5COSR Datasheet HTML 73Page - STMicroelectronics RPC56EL60L5COSR Datasheet HTML 74Page - STMicroelectronics RPC56EL60L5COSR Datasheet HTML 75Page - STMicroelectronics RPC56EL60L5COSR Datasheet HTML 76Page - STMicroelectronics RPC56EL60L5COSR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 137 page
background image
DocID026934 Rev 1
73/137
RPC56EL60L5
Package pinouts and signal descriptions
136
C[13]
PCR[45
]
SIUL
GPIO[45]
ALT0
GPIO[45]
—
—M
S
101 F15
eTimer_1
ETC[1]
ALT1
ETC[1]
PSMI[10];
PADSEL=
0
CTU_0
—
—
EXT_IN
PSMI[0];
PADSEL=
0
FlexPWM_0
—
—
EXT_SYN
C
PSMI[15];
PADSEL=
0
C[14]
PCR[46
]
SIUL
GPIO[46]
ALT0
GPIO[46]
—
—M
S
103
E1
5
eTimer_1
ETC[2]
ALT1
ETC[2]
PSMI[11];
PADSEL=
1
CTU_0
EXT_TGR
ALT2
—
—
C[15]
PCR[47
]
SIUL
GPIO[47]
ALT0
GPIO[47]
—
—
SY
M
S124
A8
FlexRay
CA_TR_E
N
ALT1
—
—
eTimer_1
ETC[0]
ALT2
ETC[0]
PSMI[9];
PADSEL=
1
FlexPWM_0
A[1]
ALT3
A[1]
PSMI[21];
PADSEL=
1
CTU_0
—
—
EXT_IN
PSMI[0];
PADSEL=
1
FlexPWM_0
—
—
EXT_SYN
C
PSMI[15];
PADSEL=
1
Port D
D[0]
PCR[48
]
SIUL
GPIO[48]
ALT0
GPIO[48]
—
—
SY
M
S125
B8
FlexRay
CA_TX
ALT1
—
—
eTimer_1
ETC[1]
ALT2
ETC[1]
PSMI[10];
PADSEL=
1
FlexPWM_0
B[1]
ALT3
B[1]
PSMI[25];
PADSEL=
1
Table 7. Pin muxing (continued)
Port
name
PCR
Peripheral
Alternate
output
function
Output
mux sel
Input
functions
Input
mux
select
Weak pull
config
during
reset
Pad
speed(1)
Pin #
SR
C
= 1
SR
C
= 0
144
pk
g
257
pk
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More