| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC56EL60L5BOSR Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5BOSR Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 137 page ![]() DocID026934 Rev 1 49/137 RPC56EL60L5 Package pinouts and signal descriptions 136 C2 Not connected — C3 VSS_HV_IO_RING — C4 FCCU_F[1] FCCU F[1] F[1] C5 D[2] SIUL GPIO[50] GPIO[50] eTimer_1 ETC[3] ETC[3] FlexPWM_0 X[3] X[3] FlexRay — CB_RX C6 A[13] SIUL GPIO[13] GPIO[13] FlexPWM_0 B[2] B[2] DSPI_2 — SIN FlexPWM_0 — FAULT[0] SIUL — EIRQ[12] C7 VDD_HV_REG_2 — C8 VDD_HV_REG_2 — C9 I[0] SIUL GPIO[128] GPIO[128] eTimer_2 ETC[0] ETC[0] DSPI_0 CS4 — FlexPWM_1 — FAULT[0] C10 JCOMP — — JCOMP C11 H[11] SIUL GPIO[123] GPIO[123] FlexPWM_1 A[2] A[2] C12 I[1] SIUL GPIO[129] GPIO[129] eTimer_2 ETC[1] ETC[1] DSPI_0 CS5 — FlexPWM_1 — FAULT[1] C13 F[14] SIUL GPIO[94] GPIO[94] LINFlexD_1 TXD — C14 B[1] SIUL GPIO[17] GPIO[17] eTimer_1 ETC[3] ETC[3] SSCM DEBUG[1] — FlexCAN_0 — RXD FlexCAN_1 — RXD SIUL — EIRQ[16] C15 VSS_HV_IO_RING — Table 4. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |