| Moteur de recherche de fiches techniques de composants électroniques |
|
RPC56EL60L5BOSR Fiches technique(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5BOSR Fiches technique(HTML) 46 Page - STMicroelectronics |
|
46 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 46/137 DocID026934 Rev 1 144 A[15] SIUL GPIO[15] GPIO[15] eTimer_1 ETC[5] ETC[5] FlexCAN_1 — RXD FlexCAN_0 — RXD SIUL — EIRQ[14] 1. VPP_TEST should always be tied to ground (VSS) for normal operations. Table 4. LFBGA257 pin function summary Pin # Port/function Peripheral Output function Input function A1 VSS_HV_IO_RING — A2 VSS_HV_IO_RING — A3 VDD_HV_IO_RING — A4 H[2] SIUL GPIO[114] GPIO[114] NPC MDO[5] — A5 H[0] SIUL GPIO[112] GPIO[112] NPC MDO[7] — A6 G[14] SIUL GPIO[110] GPIO[110] NPC MDO[9] — A7 D[3] SIUL GPIO[51] GPIO[51] FlexRay CB_TX — eTimer_1 ETC[4] ETC[4] FlexPWM_0 A[3] A[3] A8 C[15] SIUL GPIO[47] GPIO[47] FlexRay CA_TR_EN — eTimer_1 ETC[0] ETC[0] FlexPWM_0 A[1] A[1] CTU_0 — EXT_IN FlexPWM_0 — EXT_SYNC A9 VDD_HV_IO_RING — A10 A[12] SIUL GPIO[12] GPIO[12] DSPI_2 SOUT — FlexPWM_0 A[2] A[2] FlexPWM_0 B[2] B[2] SIUL — EIRQ[11] Table 3. LQFP144 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |