Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RPC56EL60L5BOSR Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce RPC56EL60L5BOSR
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5BOSR Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button RPC56EL60L5BOSR Datasheet HTML 40Page - STMicroelectronics RPC56EL60L5BOSR Datasheet HTML 41Page - STMicroelectronics RPC56EL60L5BOSR Datasheet HTML 42Page - STMicroelectronics RPC56EL60L5BOSR Datasheet HTML 43Page - STMicroelectronics RPC56EL60L5BOSR Datasheet HTML 44Page - STMicroelectronics RPC56EL60L5BOSR Datasheet HTML 45Page - STMicroelectronics RPC56EL60L5BOSR Datasheet HTML 46Page - STMicroelectronics RPC56EL60L5BOSR Datasheet HTML 47Page - STMicroelectronics RPC56EL60L5BOSR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
44/137
DocID026934 Rev 1
122
A[12]
SIUL
GPIO[12]
GPIO[12]
DSPI_2
SOUT
—
FlexPWM_0
A[2]
A[2]
FlexPWM_0
B[2]
B[2]
SIUL
—
EIRQ[11]
123
JCOMP
—
—
JCOMP
124
C[15]
SIUL
GPIO[47]
GPIO[47]
FlexRay
CA_TR_EN
—
eTimer_1
ETC[0]
ETC[0]
FlexPWM_0
A[1]
A[1]
CTU_0
—
EXT_IN
FlexPWM_0
—
EXT_SYNC
125
D[0]
SIUL
GPIO[48]
GPIO[48]
FlexRay
CA_TX
—
eTimer_1
ETC[1]
ETC[1]
FlexPWM_0
B[1]
B[1]
126
VDD_HV_IO
—
127
VSS_HV_IO
—
128
D[3]
SIUL
GPIO[51]
GPIO[51]
FlexRay
CB_TX
—
eTimer_1
ETC[4]
ETC[4]
FlexPWM_0
A[3]
A[3]
129
D[4]
SIUL
GPIO[52]
GPIO[52]
FlexRay
CB_TR_EN
—
eTimer_1
ETC[5]
ETC[5]
FlexPWM_0
B[3]
B[3]
130
VDD_HV_REG_2
—
131
VDD_LV_COR
—
132
VSS_LV_COR
—
133
F[0]
SIUL
GPIO[80]
GPIO[80]
FlexPWM_0
A[1]
A[1]
eTimer_0
—
ETC[2]
SIUL
—
EIRQ[28]
Table 3. LQFP144 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More