Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MEC1322 Fiches technique(PDF) 106 Page - Microchip Technology

No de pièce MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Fiches technique(HTML) 106 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 102Page - Microchip Technology MEC1322 Datasheet HTML 103Page - Microchip Technology MEC1322 Datasheet HTML 104Page - Microchip Technology MEC1322 Datasheet HTML 105Page - Microchip Technology MEC1322 Datasheet HTML 106Page - Microchip Technology MEC1322 Datasheet HTML 107Page - Microchip Technology MEC1322 Datasheet HTML 108Page - Microchip Technology MEC1322 Datasheet HTML 109Page - Microchip Technology MEC1322 Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 456 page
background image
MEC1322
DS00001719D-page 106
 2014 - 2015 Microchip Technology Inc.
The EC executes instructions out of closely-coupled memory via the ICode Interface. Data accesses to closely-coupled
memory are handled via the DCode Interface. The EC accesses the rest of the on-chip address space via the System
AHB-Lite interface. The Debugger program in the host can probe the EC and all EC addressable memory via the JTAG
debug interface.
Aliased addressing spaces are provided at the chip level so that specific bus interfaces can be selected explicitly where
needed. For example, the EC’s Bit Banding feature uses the System AHB-Lite bus to access resources normally
accessed via the DCode or ICode interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More