Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MEC1322 Fiches technique(PDF) 307 Page - Microchip Technology

No de pièce MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Fiches technique(HTML) 307 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 303Page - Microchip Technology MEC1322 Datasheet HTML 304Page - Microchip Technology MEC1322 Datasheet HTML 305Page - Microchip Technology MEC1322 Datasheet HTML 306Page - Microchip Technology MEC1322 Datasheet HTML 307Page - Microchip Technology MEC1322 Datasheet HTML 308Page - Microchip Technology MEC1322 Datasheet HTML 309Page - Microchip Technology MEC1322 Datasheet HTML 310Page - Microchip Technology MEC1322 Datasheet HTML 311Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 307
MEC1322
1 FAN_SPIN
The bit Indicates that the Spin up Routine for the Fan could not
detect a valid tachometer reading within its maximum time window.
• ‘0’ - The Spin up Routine for the Fan detected a valid tachome-
ter reading within its maximum time window.
• ‘1’ - The Spin up Routine for the Fan could not detect a valid
tachometer reading within its maximum time window.
R/WC
0b
VCC1_R
ESET
0 FAN_STALL
The bit Indicates that the tachometer measurement on the Fan
detects a stalled fan.
• ‘0’ - Stalled fan not detected.
• ‘1’ - Stalled fan not detected.
R/WC
0b
VCC1_R
ESET
Offset
11h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More