Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MEC1322 Fiches technique(PDF) 231 Page - Microchip Technology

No de pièce MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Fiches technique(HTML) 231 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 227Page - Microchip Technology MEC1322 Datasheet HTML 228Page - Microchip Technology MEC1322 Datasheet HTML 229Page - Microchip Technology MEC1322 Datasheet HTML 230Page - Microchip Technology MEC1322 Datasheet HTML 231Page - Microchip Technology MEC1322 Datasheet HTML 232Page - Microchip Technology MEC1322 Datasheet HTML 233Page - Microchip Technology MEC1322 Datasheet HTML 234Page - Microchip Technology MEC1322 Datasheet HTML 235Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 231
MEC1322
19.0 RTC WITH DATE AND DST ADJUSTMENT
19.1
Introduction
This block provides the capabilities of an industry-standard 146818B Real-Time Clock module, without CMOS RAM.
Enhancements to this architecture include:
• Industry standard Day of Month Alarm field, allowing for monthly alarms
• Configurable, automatic Daylight Savings adjustment
• Week Alarm for periodic interrupts and wakes based on Day of Week
• System Wake capability on interrupts.
19.2
References
1.
Motorola 146818B Data Sheet, available on-line
2.
Intel Lynx Point PCH EDS specification
19.3
Terminology
Time and Date Registers:
This is the set of registers that are automatically counted by hardware every 1 second while the block is enabled to run
and to update. These registers are: Seconds, Minutes, Hours, Day of Week, Day of Month, Month, and Year.
19.4
Interface
This block’s connections are entirely internal to the chip.
FIGURE 19-1:
I/O DIAGRAM OF BLOCK
RTC With Date and DST Adjust-
ment
Signal Description
Clocks
Interrupts
Host Interface
Resets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More