Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MEC1322 Fiches technique(PDF) 217 Page - Microchip Technology

No de pièce MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Fiches technique(HTML) 217 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 213Page - Microchip Technology MEC1322 Datasheet HTML 214Page - Microchip Technology MEC1322 Datasheet HTML 215Page - Microchip Technology MEC1322 Datasheet HTML 216Page - Microchip Technology MEC1322 Datasheet HTML 217Page - Microchip Technology MEC1322 Datasheet HTML 218Page - Microchip Technology MEC1322 Datasheet HTML 219Page - Microchip Technology MEC1322 Datasheet HTML 220Page - Microchip Technology MEC1322 Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 217
MEC1322
IRQ Vector [31:0]
Each read only bit reflects the current state of the IRQ i vector to the EC.
BIT NAME
IRQ Vector [23:16]
BIT
D15
D14
D13
D12
D11
D10
D9
D8
TYPE
R
RRRRR
R
R
BIT NAME
IRQ Vector [15:8]
BIT
D7
D6D5D4D3D2
D1
D0
TYPE
R
RRRRR
R
R
BIT NAME
Reserved
Note:
If the IRQ i vector is disabled via the Block Enable Clear Register the corresponding IRQ i vector to the EC
is forced to 0. If the IRQ i vector is enabled, the corresponding IRQ i vector to the EC represents the current
status of the IRQ event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More