Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9500AI Fiches technique(PDF) 115 Page - Microchip Technology

No de pièce LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Fiches technique(HTML) 115 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 111Page - Microchip Technology LAN9500AI Datasheet HTML 112Page - Microchip Technology LAN9500AI Datasheet HTML 113Page - Microchip Technology LAN9500AI Datasheet HTML 114Page - Microchip Technology LAN9500AI Datasheet HTML 115Page - Microchip Technology LAN9500AI Datasheet HTML 116Page - Microchip Technology LAN9500AI Datasheet HTML 117Page - Microchip Technology LAN9500AI Datasheet HTML 118Page - Microchip Technology LAN9500AI Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 213 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001875A-page 115
LAN950x
FIGURE 6-2:
PME OPERATION
Wakeup Event Detected
By Device?
Host & Chipset Powered Off
Device Asserts PME
True
False
VBUS_DET Set To 0 By EC
Or Via Circuitry
EC Sets PME_MODE_SEL = 1 And
Pulses PME_CLEAR Low
Device Has EEPROM With GPIO
PME Enable =1, Enters PME Mode
EC Detects PME
EC To Wake System To
Process Wakeup Event?
EC Asserts PME_CLEAR
Device Resets And Deasserts PME
VBUS_DET Set to 1 By EC
Or Via Circuitry
EC Sets PME_MODE_SEL = 0 And
Asserts PME_CLEAR
EC Signals Enable To Host
Device Resets And Deasserts PME
Device Connects To USB Bus
Device Is In Normal Operation
Yes
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More