Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9500AI Fiches technique(PDF) 114 Page - Microchip Technology

No de pièce LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Fiches technique(HTML) 114 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 110Page - Microchip Technology LAN9500AI Datasheet HTML 111Page - Microchip Technology LAN9500AI Datasheet HTML 112Page - Microchip Technology LAN9500AI Datasheet HTML 113Page - Microchip Technology LAN9500AI Datasheet HTML 114Page - Microchip Technology LAN9500AI Datasheet HTML 115Page - Microchip Technology LAN9500AI Datasheet HTML 116Page - Microchip Technology LAN9500AI Datasheet HTML 117Page - Microchip Technology LAN9500AI Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 213 page
background image
LAN950x
DS00001875A-page 114
 2010 - 2015 Microchip Technology Inc.
Figure 6-2 flowcharts PME operation while in Internal PHY mode. The following conditions hold:
EEPROM Configuration:
• GPIO PME Enable = 1 (enabled)
• GPIO PME Configuration = 0 (PME signaled via level on GPIO pin)
• GPIO PME Length = 0 (NA)
• GPIO PME Polarity = 1 (high level signals event)
• GPIO PME Buffer Type = 1 (Push-Pull)
• GPIO PME WOL Select = 0 (Magic Packet wakeup)
• GPIO10 Detection Select = 0 (Active-low detection)
• Power Method = 1 (self powered)
• MAC address for Magic Packet
PME signaling configuration (as determined by PHY Mode)
• GPIO0 signals PME
• GPIO1 is PME_MODE_SEL
Note:
A POR occurring when PME_MODE_SEL = 1 and an EEPROM present with the GPIO PME Enable set
results in the device entering PME Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More