| Moteur de recherche de fiches techniques de composants électroniques |
|
LAN9500AI Fiches technique(PDF) 51 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9500AI Fiches technique(HTML) 51 Page - Microchip Technology |
|
51 / 213 page ![]() 2010 - 2015 Microchip Technology Inc. DS00001875A-page 51 LAN950x 5.4.2.7 Transmit Examples 5.4.2.7.1 TX Example 1 In this example a single, 1064-Byte Ethernet frame will be transmitted. This packet is divided into three buffers. The three buffers are as follows: Buffer 0: • 3-Byte “Data Start Offset” • 499-Bytes of payload data Buffer 1: • 0-Byte “Data Start Offset” • 503-Bytes of payload data Buffer 2: • 2-Byte “Data Start Offset” • 62-Bytes of payload data FIGURE 5-6: TX Example 1 on page 52 illustrates the TX command structure for this example, and also shows how data is passed to the TX data FIFO. |