Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9500AI Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce LAN9500AI
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500AI Fiches technique(HTML) 6 Page - Microchip Technology

Back Button LAN9500AI Datasheet HTML 2Page - Microchip Technology LAN9500AI Datasheet HTML 3Page - Microchip Technology LAN9500AI Datasheet HTML 4Page - Microchip Technology LAN9500AI Datasheet HTML 5Page - Microchip Technology LAN9500AI Datasheet HTML 6Page - Microchip Technology LAN9500AI Datasheet HTML 7Page - Microchip Technology LAN9500AI Datasheet HTML 8Page - Microchip Technology LAN9500AI Datasheet HTML 9Page - Microchip Technology LAN9500AI Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 213 page
background image
LAN950x
DS00001875A-page 6
 2010 - 2015 Microchip Technology Inc.
2.0
INTRODUCTION
2.1
General Terms and Conventions
The following is a list of the general terms used in this document:
BYTE
8-bits
CSR
Control and Status Registers
DWORD
32-bits
FIFO
First In First Out buffer
Frame
In the context of this document, a frame refers to transfers on the Ethernet
interface.
FSM
Finite State Machine
GPIO
General Purpose I/O
HOST
External system (Includes processor, application software, etc.)
Level-Triggered Sticky Bit
This type of status bit is set whenever the condition that it represents is
asserted. The bit remains set until the condition is no longer true, and the
status bit is cleared by writing a zero.
LFSR
Linear Feedback Shift Register
MAC
Media Access Controller
MII
Media Independent Interface
N/A
Not Applicable
Packet
In the context of this document, a packet refers to transfers on the USB
interface.
POR
Power on Reset.
RESERVED
Refers to a reserved bit field or address. Unless otherwise noted, reserved
bits must always be zero for write operations. Unless otherwise noted, values
are not guaranteed when reading reserved bits. Unless otherwise noted, do
not read or write to reserved addresses.
SCSR
System Control and Status Registers
SMI
Serial Management Interface
TLI
Transaction Layer Interface
URX
USB Bulk Out Packet Receiver
UTX
USB Bulk In Packet Transmitter
WORD
16-bits
ZLP
Zero Length USB Packet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More