Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1055ACPZ-R7 Fiches technique(PDF) 135 Page - Analog Devices

No de pièce ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Fiches technique(HTML) 135 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 131Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 132Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 133Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 134Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 135Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 136Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 137Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 138Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 139Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 135 of 140
Period (ns)
Frequency (kHz)
Exponent
Mantissa
5480
182.4817518
−2
730
5470
182.8153565
−2
731
5460
183.1501832
−2
733
5450
183.4862385
−2
734
5440
183.8235294
−2
735
5430
184.1620626
−2
737
5420
184.501845
−2
738
5410
184.8428835
−2
739
5400
185.1851852
−2
741
5390
185.528757
−2
742
5380
185.8736059
−2
743
5370
186.2197393
−2
745
5360
186.5671642
−2
746
5350
186.9158879
−2
748
5340
187.2659176
−2
749
5330
187.6172608
−2
750
5320
187.9699248
−2
752
5310
188.3239171
−2
753
5300
188.6792453
−2
755
5290
189.0359168
−2
756
5280
189.3939394
−2
758
5270
189.7533207
−2
759
5260
190.1140684
−2
760
5250
190.4761905
−2
762
5240
190.8396947
−2
763
5230
191.2045889
−2
765
5220
191.5708812
−2
766
5210
191.9385797
−2
768
5200
192.3076923
−2
769
5190
192.6782274
−2
771
5180
193.0501931
−2
772
5170
193.4235977
−2
774
5160
193.7984496
−2
775
5150
194.1747573
−2
777
5140
194.5525292
−2
778
5130
194.9317739
−2
780
5120
195.3125
−2
781
5110
195.6947162
−2
783
5100
196.0784314
−2
784
5090
196.4636542
−2
786
5080
196.8503937
−2
787
5070
197.2386588
−2
789
5060
197.6284585
−2
791
5050
198.019802
−2
792
5040
198.4126984
−2
794
5030
198.8071571
−2
795
5020
199.2031873
−2
797
5010
199.6007984
−2
798
5000
200
−2
800
4990
200.4008016
−2
802
4980
200.8032129
−2
803
4970
201.2072435
−2
805
4960
201.6129032
−2
806
Period (ns)
Frequency (kHz)
Exponent
Mantissa
4950
202.020202
−2
808
4940
202.4291498
−2
810
4930
202.8397566
−2
811
4920
203.2520325
−2
813
4910
203.6659878
−2
815
4900
204.0816327
−2
816
4890
204.4989775
−2
818
4880
204.9180328
−2
820
4870
205.338809
−2
821
4860
205.7613169
−2
823
4850
206.185567
−2
825
4840
206.6115702
−2
826
4830
207.0393375
−2
828
4820
207.4688797
−2
830
4810
207.9002079
−2
832
4800
208.3333333
−2
833
4790
208.7682672
−2
835
4780
209.2050209
−2
837
4770
209.6436059
−2
839
4760
210.0840336
−2
840
4750
210.5263158
−2
842
4740
210.9704641
−2
844
4730
211.4164905
−2
846
4720
211.8644068
−2
847
4710
212.3142251
−2
849
4700
212.7659574
−2
851
4690
213.2196162
−2
853
4680
213.6752137
−2
855
4670
214.1327623
−2
857
4660
214.5922747
−2
858
4650
215.0537634
−2
860
4640
215.5172414
−2
862
4630
215.9827214
−2
864
4620
216.4502165
−2
866
4610
216.9197397
−2
868
4600
217.3913043
−2
870
4590
217.8649237
−2
871
4580
218.3406114
−2
873
4570
218.8183807
−2
875
4560
219.2982456
−2
877
4550
219.7802198
−2
879
4540
220.2643172
−2
881
4530
220.7505519
−2
883
4520
221.2389381
−2
885
4510
221.72949
−2
887
4500
222.2222222
−2
889
4490
222.7171492
−2
891
4480
223.2142857
−2
893
4470
223.7136465
−2
895
4460
224.2152466
−2
897
4450
224.7191011
−2
899
4440
225.2252252
−2
901
4430
225.7336343
−2
903



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More