Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1055ACPZ-R7 Fiches technique(PDF) 133 Page - Analog Devices

No de pièce ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Fiches technique(HTML) 133 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 129Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 130Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 131Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 132Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 133Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 134Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 135Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 136Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 137Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 133 of 140
Period (ns)
Frequency (kHz)
Exponent
Mantissa
7890
126.7427123
−3
1014
7880
126.9035533
−3
1015
7870
127.064803
−3
1017
7860
127.2264631
−3
1018
7850
127.388535
−3
1019
7840
127.5510204
−3
1020
7830
127.7139208
−3
1022
7820
127.8772379
−3
1023
7810
128.0409731
−2
512
7790
128.3697047
−2
513
7780
128.5347044
−2
514
7760
128.8659794
−2
515
7750
129.0322581
−2
516
7730
129.3661061
−2
517
7720
129.5336788
−2
518
7700
129.8701299
−2
519
7690
130.0390117
−2
520
7670
130.3780965
−2
522
7660
130.5483029
−2
522
7640
130.8900524
−2
524
7630
131.061599
−2
524
7610
131.4060447
−2
526
7600
131.5789474
−2
526
7590
131.7523057
−2
527
7570
132.1003963
−2
528
7560
132.2751323
−2
529
7540
132.6259947
−2
531
7530
132.8021248
−2
531
7510
133.1557923
−2
533
7500
133.3333333
−2
533
7490
133.5113485
−2
534
7470
133.8688086
−2
535
7460
134.0482574
−2
536
7440
134.4086022
−2
538
7430
134.589502
−2
538
7420
134.7708895
−2
539
7400
135.1351351
−2
541
7390
135.3179973
−2
541
7380
135.501355
−2
542
7360
135.8695652
−2
543
7350
136.0544218
−2
544
7330
136.425648
−2
546
7320
136.6120219
−2
546
7310
136.7989056
−2
547
7290
137.1742112
−2
549
7280
137.3626374
−2
549
7270
137.5515818
−2
550
7250
137.9310345
−2
552
7240
138.121547
−2
552
7230
138.3125864
−2
553
7220
138.5041551
−2
554
7200
138.8888889
−2
556
7190
139.0820584
−2
556
Period (ns)
Frequency (kHz)
Exponent
Mantissa
7180
139.275766
−2
557
7160
139.6648045
−2
559
7150
139.8601399
−2
559
7140
140.0560224
−2
560
7130
140.2524544
−2
561
7110
140.6469761
−2
563
7100
140.8450704
−2
563
7090
141.0437236
−2
564
7070
141.4427157
−2
566
7060
141.6430595
−2
567
7050
141.8439716
−2
567
7040
142.0454545
−2
568
7020
142.4501425
−2
570
7010
142.6533524
−2
571
7000
142.8571429
−2
571
6990
143.0615165
−2
572
6980
143.2664756
−2
573
6960
143.6781609
−2
575
6950
143.8848921
−2
576
6940
144.092219
−2
576
6930
144.3001443
−2
577
6920
144.5086705
−2
578
6900
144.9275362
−2
580
6890
145.137881
−2
581
6880
145.3488372
−2
581
6870
145.5604076
−2
582
6860
145.7725948
−2
583
6840
146.1988304
−2
585
6830
146.4128843
−2
586
6820
146.627566
−2
587
6810
146.8428781
−2
587
6800
147.0588235
−2
588
6790
147.275405
−2
589
6770
147.7104874
−2
591
6760
147.9289941
−2
592
6750
148.1481481
−2
593
6740
148.3679525
−2
593
6730
148.5884101
−2
594
6720
148.8095238
−2
595
6710
149.0312966
−2
596
6700
149.2537313
−2
597
6680
149.7005988
−2
599
6670
149.9250375
−2
600
6660
150.1501502
−2
601
6650
150.3759398
−2
602
6640
150.6024096
−2
602
6630
150.8295626
−2
603
6620
151.0574018
−2
604
6610
151.2859304
−2
605
6600
151.5151515
−2
606
6580
151.9756839
−2
608
6570
152.2070015
−2
609
6560
152.4390244
−2
610



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More