Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1055ACPZ-R7 Fiches technique(PDF) 134 Page - Analog Devices

No de pièce ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Fiches technique(HTML) 134 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 130Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 131Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 132Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 133Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 134Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 135Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 136Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 137Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 138Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 134 of 140
Period (ns)
Frequency (kHz)
Exponent
Mantissa
6550
152.6717557
−2
611
6540
152.9051988
−2
612
6530
153.1393568
−2
613
6520
153.3742331
−2
613
6510
153.609831
−2
614
6500
153.8461538
−2
615
6490
154.0832049
−2
616
6480
154.3209877
−2
617
6470
154.5595054
−2
618
6460
154.7987616
−2
619
6450
155.0387597
−2
620
6440
155.2795031
−2
621
6430
155.5209953
−2
622
6420
155.7632399
−2
623
6410
156.0062402
−2
624
6400
156.25
−2
625
6380
156.7398119
−2
627
6370
156.9858713
−2
628
6360
157.2327044
−2
629
6350
157.480315
−2
630
6340
157.7287066
−2
631
6330
157.9778831
−2
632
6320
158.2278481
−2
633
6310
158.4786054
−2
634
6300
158.7301587
−2
635
6290
158.9825119
−2
636
6280
159.2356688
−2
637
6270
159.4896332
−2
638
6260
159.7444089
−2
639
6250
160
−2
640
6240
160.2564103
−2
641
6230
160.5136437
−2
642
6220
160.7717042
−2
643
6210
161.0305958
−2
644
6200
161.2903226
−2
645
6190
161.5508885
−2
646
6180
161.8122977
−2
647
6170
162.0745543
−2
648
6160
162.3376623
−2
649
6150
162.601626
−2
650
6140
162.8664495
−2
651
6130
163.132137
−2
653
6120
163.3986928
−2
654
6110
163.6661211
−2
655
6100
163.9344262
−2
656
6090
164.2036125
−2
657
6080
164.4736842
−2
658
6070
164.7446458
−2
659
6060
165.0165017
−2
660
6050
165.2892562
−2
661
6040
165.5629139
−2
662
6030
165.8374793
−2
663
6020
166.1129568
−2
664
Period (ns)
Frequency (kHz)
Exponent
Mantissa
6010
166.3893511
−2
666
6000
166.6666667
−2
667
5990
166.9449082
−2
668
5980
167.2240803
−2
669
5970
167.5041876
−2
670
5960
167.7852349
−2
671
5950
168.0672269
−2
672
5940
168.3501684
−2
673
5930
168.6340641
−2
675
5920
168.9189189
−2
676
5910
169.2047377
−2
677
5900
169.4915254
−2
678
5890
169.7792869
−2
679
5880
170.0680272
−2
680
5870
170.3577513
−2
681
5860
170.6484642
−2
683
5850
170.9401709
−2
684
5840
171.2328767
−2
685
5830
171.5265866
−2
686
5820
171.8213058
−2
687
5810
172.1170396
−2
688
5800
172.4137931
−2
690
5790
172.7115717
−2
691
5780
173.0103806
−2
692
5770
173.3102253
−2
693
5760
173.6111111
−2
694
5750
173.9130435
−2
696
5740
174.2160279
−2
697
5730
174.5200698
−2
698
5720
174.8251748
−2
699
5710
175.1313485
−2
701
5700
175.4385965
−2
702
5690
175.7469244
−2
703
5680
176.056338
−2
704
5670
176.366843
−2
705
5660
176.6784452
−2
707
5650
176.9911504
−2
708
5640
177.3049645
−2
709
5630
177.6198934
−2
710
5620
177.9359431
−2
712
5610
178.2531194
−2
713
5600
178.5714286
−2
714
5590
178.8908766
−2
716
5580
179.2114695
−2
717
5570
179.5332136
−2
718
5560
179.8561151
−2
719
5550
180.1801802
−2
721
5540
180.5054152
−2
722
5530
180.8318264
−2
723
5520
181.1594203
−2
725
5510
181.4882033
−2
726
5500
181.8181818
−2
727
5490
182.1493625
−2
729



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More