Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1055ACPZ-R7 Fiches technique(PDF) 132 Page - Analog Devices

No de pièce ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Fiches technique(HTML) 132 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 128Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 129Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 130Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 131Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 132Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 133Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 134Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 135Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 136Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 132 of 140
Period (ns)
Frequency (kHz)
Exponent
Mantissa
8950
111.7318436
−3
894
8940
111.8568233
−3
895
8930
111.9820829
−3
896
8920
112.1076233
−3
897
8910
112.2334456
−3
898
8900
112.3595506
−3
899
8890
112.4859393
−3
900
8880
112.6126126
−3
901
8870
112.7395716
−3
902
8860
112.8668172
−3
903
8850
112.9943503
−3
904
8840
113.1221719
−3
905
8830
113.2502831
−3
906
8820
113.3786848
−3
907
8810
113.507378
−3
908
8800
113.6363636
−3
909
8790
113.7656428
−3
910
8780
113.8952164
−3
911
8770
114.0250855
−3
912
8760
114.1552511
−3
913
8750
114.2857143
−3
914
8740
114.416476
−3
915
8730
114.5475372
−3
916
8720
114.6788991
−3
917
8710
114.8105626
−3
918
8700
114.9425287
−3
920
8690
115.0747986
−3
921
8680
115.2073733
−3
922
8670
115.3402537
−3
923
8660
115.4734411
−3
924
8650
115.6069364
−3
925
8640
115.7407407
−3
926
8630
115.8748552
−3
927
8620
116.0092807
−3
928
8610
116.1440186
−3
929
8600
116.2790698
−3
930
8590
116.4144354
−3
931
8580
116.5501166
−3
932
8570
116.6861144
−3
933
8560
116.8224299
−3
935
8550
116.9590643
−3
936
8540
117.0960187
−3
937
8530
117.2332943
−3
938
8520
117.370892
−3
939
8510
117.5088132
−3
940
8500
117.6470588
−3
941
8490
117.7856302
−3
942
8480
117.9245283
−3
943
8470
118.0637544
−3
945
8460
118.2033097
−3
946
8450
118.3431953
−3
947
8440
118.4834123
−3
948
8430
118.623962
−3
949
Period (ns)
Frequency (kHz)
Exponent
Mantissa
8420
118.7648456
−3
950
8410
118.9060642
−3
951
8400
119.047619
−3
952
8390
119.1895113
−3
954
8380
119.3317422
−3
955
8370
119.474313
−3
956
8360
119.6172249
−3
957
8350
119.760479
−3
958
8340
119.9040767
−3
959
8330
120.0480192
−3
960
8320
120.1923077
−3
962
8310
120.3369434
−3
963
8300
120.4819277
−3
964
8290
120.6272618
−3
965
8280
120.7729469
−3
966
8270
120.9189843
−3
967
8260
121.0653753
−3
969
8250
121.2121212
−3
970
8240
121.3592233
−3
971
8230
121.5066829
−3
972
8220
121.6545012
−3
973
8210
121.8026797
−3
974
8200
121.9512195
−3
976
8190
122.1001221
−3
977
8180
122.2493888
−3
978
8170
122.3990208
−3
979
8160
122.5490196
−3
980
8150
122.6993865
−3
982
8140
122.8501229
−3
983
8130
123.00123
−3
984
8120
123.1527094
−3
985
8110
123.3045623
−3
986
8100
123.4567901
−3
988
8090
123.6093943
−3
989
8080
123.7623762
−3
990
8070
123.9157373
−3
991
8060
124.0694789
−3
993
8050
124.2236025
−3
994
8040
124.3781095
−3
995
8030
124.5330012
−3
996
8020
124.6882793
−3
998
8010
124.8439451
−3
999
8000
125
−3
1000
7990
125.1564456
−3
1001
7980
125.3132832
−3
1003
7970
125.4705144
−3
1004
7960
125.6281407
−3
1005
7950
125.7861635
−3
1006
7940
125.9445844
−3
1008
7930
126.1034048
−3
1009
7920
126.2626263
−3
1010
7910
126.4222503
−3
1011
7900
126.5822785
−3
1013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More