Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM3592-RTR Fiches technique(PDF) 40 Page - Silicon Laboratories

No de pièce EM3592-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3592-RTR Fiches technique(HTML) 40 Page - Silicon Laboratories

Back Button EM3592-RTR Datasheet HTML 36Page - Silicon Laboratories EM3592-RTR Datasheet HTML 37Page - Silicon Laboratories EM3592-RTR Datasheet HTML 38Page - Silicon Laboratories EM3592-RTR Datasheet HTML 39Page - Silicon Laboratories EM3592-RTR Datasheet HTML 40Page - Silicon Laboratories EM3592-RTR Datasheet HTML 41Page - Silicon Laboratories EM3592-RTR Datasheet HTML 42Page - Silicon Laboratories EM3592-RTR Datasheet HTML 43Page - Silicon Laboratories EM3592-RTR Datasheet HTML 44Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
EM359x
40
Rev 1.0
21
PD2
I/O
Digital I/O
SC3MISO
I
SPI master data in of Serial Controller 3
Select SPI with SC3_MODE
Select master with SC3_SPICFG
SC3MOSI
I
SPI slave data in of Serial Controller 3
Select SPI with SC3_MODE
Select slave with SC3_SPICFG
SC3SCL
I/O
TWI clock of Serial Controller 3
Select TWI with SC3_MODE
Select alternate open-drain output function with GPIO_PDCFGL[11:8]
SC3RXD
I
UART receive data of Serial Controller 3
Select UART with SC3_MODE
22
PD3
I/O
Digital I/O
SC3nCTS
I
UART CTS handshake of Serial Controller 3
Enable with SC3_UARTCFG[5]
Select UART with SC3_MODE
SC3SCLK
O
SPI master clock of Serial Controller 3
Enable master with SC3_SPICFG[4]
Select SPI with SC3_MODE
Select alternate output function with GPIO_PDCFGL[15:12]
SC3SCLK
I
SPI slave clock of Serial Controller 3
Enable slave with SC3_SPICFG[4]
Select SPI with SC3_MODE
Table 6.1. EM359x Pin Descriptions (Continued)
Pin #
Signal
Direction
Description
Note:
1.
IRQC and IRQD external interrupts can be mapped to any digital I/O pin using the GPIO_IRQCSEL and
GPIO_IRQDSEL registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59