Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM3592-RTR Fiches technique(PDF) 8 Page - Silicon Laboratories

No de pièce EM3592-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3592-RTR Fiches technique(HTML) 8 Page - Silicon Laboratories

Back Button EM3592-RTR Datasheet HTML 4Page - Silicon Laboratories EM3592-RTR Datasheet HTML 5Page - Silicon Laboratories EM3592-RTR Datasheet HTML 6Page - Silicon Laboratories EM3592-RTR Datasheet HTML 7Page - Silicon Laboratories EM3592-RTR Datasheet HTML 8Page - Silicon Laboratories EM3592-RTR Datasheet HTML 9Page - Silicon Laboratories EM3592-RTR Datasheet HTML 10Page - Silicon Laboratories EM3592-RTR Datasheet HTML 11Page - Silicon Laboratories EM3592-RTR Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
EM359x
8
Rev 1.0
PCLK
Peripheral clock
PER
Packet Error Rate
PHY
Physical Layer
PLL
Phase-Locked Loop
POR
Power-On-Reset
PRNG
Pseudo Random Number Generator
PSD
Power Spectral Density
PTI
Packet Trace Interface
PWM
Pulse Width Modulation
QFN
Quad Flat Pack
RAM
Random Access Memory
RC
Resistive/Capacitive
RF
Radio Frequency
RMS
Root Mean Square
RoHS
Restriction of Hazardous Substances
RSSI
Receive Signal Strength Indicator
RTS
Request to Send
Rx
Receive
SYSCLK
System clock
SDFR
Spurious Free Dynamic Range
SFD
Start Frame Delimiter
SINAD
Signal-to-noise and distortion ratio
SPI
Serial Peripheral Interface
SWJ
Serial Wire and JTAG Interface
THD
Total Harmonic Distortion
TRNG
True random number generator
TWI
Two Wire serial interface
Tx
Transmit
UART
Universal Asynchronous Receiver/Transmitter
UEV
Update event
USB
Universal Serial Bus
VCO
Voltage Controlled Oscillator
Table 1.1. Acronyms and Abbreviations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59