Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM3592-RTR Fiches technique(PDF) 36 Page - Silicon Laboratories

No de pièce EM3592-RTR
Description  High-Performance, Integrated ZigBee
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM3592-RTR Fiches technique(HTML) 36 Page - Silicon Laboratories

Back Button EM3592-RTR Datasheet HTML 32Page - Silicon Laboratories EM3592-RTR Datasheet HTML 33Page - Silicon Laboratories EM3592-RTR Datasheet HTML 34Page - Silicon Laboratories EM3592-RTR Datasheet HTML 35Page - Silicon Laboratories EM3592-RTR Datasheet HTML 36Page - Silicon Laboratories EM3592-RTR Datasheet HTML 37Page - Silicon Laboratories EM3592-RTR Datasheet HTML 38Page - Silicon Laboratories EM3592-RTR Datasheet HTML 39Page - Silicon Laboratories EM3592-RTR Datasheet HTML 40Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
EM359x
36
Rev 1.0
5. Ordering Information
Use the following part number to order the EM359x:
To order parts, contact Silicon Labs at 1+(877) 444-3032, or find a sales office or distributor on our website,
www.silabs.com.
Orderable Part
Number
Package materials / quantity
Flash (kB) RAM (kB)
USB
EM3591-RTR
Tape & Reel, contains 2000 units/reel
256
32
No
EM3592-RTR
Tape & Reel, contains 2000 units/reel
256
32
Yes
EM3595-RTR
Tape & Reel, contains 2000 units/reel
512
32
No
EM3596-RTR
Tape & Reel, contains 2000 units/reel
512
32
Yes
EM3597-RTR
Tape & Reel, contains 2000 units/reel
512
64
No
EM3598-RTR
Tape & Reel, contains 2000 units/reel
512
64
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59