Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM346-RTR Fiches technique(PDF) 131 Page - Silicon Laboratories

No de pièce EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Fiches technique(HTML) 131 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 127Page - Silicon Laboratories EM346-RTR Datasheet HTML 128Page - Silicon Laboratories EM346-RTR Datasheet HTML 129Page - Silicon Laboratories EM346-RTR Datasheet HTML 130Page - Silicon Laboratories EM346-RTR Datasheet HTML 131Page - Silicon Laboratories EM346-RTR Datasheet HTML 132Page - Silicon Laboratories EM346-RTR Datasheet HTML 133Page - Silicon Laboratories EM346-RTR Datasheet HTML 134Page - Silicon Laboratories EM346-RTR Datasheet HTML 135Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 142 page
background image
EM346
132
Rev 1.0
APPENDIX A—REGISTER ADDRESS TABLE
BLOCK
CM_LV
40004000–40004038 CM_LV
Address
Name
Type
Reset
Description
40004038
PERIPHERAL_DISABLE
RW
0
Peripheral Disable Register
BLOCK
INTERRUPTS
4000A000–4000AFFF Interrupts
Address
Name
Type
Reset
Description
4000A808
INT_SC1FLAG
RW
0
Serial Controller 1 Interrupt Flag Register
4000A814
INT_GPIOFLAG
RW
0
GPIO Interrupt Flag Register
4000A820
INT_MISS
RW
0
Top-Level Missed Interrupts Register
4000A848
INT_SC1CFG
RW
0
Serial Controller 1 Interrupt Configuration Register
4000A854
SC1_INTMODE
RW
0
Serial Controller 1 Interrupt Mode Register
4000A860
GPIO_INTCFGA
RW
0
GPIO Interrupt A Configuration Register
4000A864
GPIO_INTCFGB
RW
0
GPIO Interrupt B Configuration Register
4000A868
GPIO_INTCFGC
RW
0
GPIO Interrupt C Configuration Register
4000A86C
GPIO_INTCFGD
RW
0
GPIO Interrupt D Configuration Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More