Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM346-RTR Fiches technique(PDF) 120 Page - Silicon Laboratories

No de pièce EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Fiches technique(HTML) 120 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 116Page - Silicon Laboratories EM346-RTR Datasheet HTML 117Page - Silicon Laboratories EM346-RTR Datasheet HTML 118Page - Silicon Laboratories EM346-RTR Datasheet HTML 119Page - Silicon Laboratories EM346-RTR Datasheet HTML 120Page - Silicon Laboratories EM346-RTR Datasheet HTML 121Page - Silicon Laboratories EM346-RTR Datasheet HTML 122Page - Silicon Laboratories EM346-RTR Datasheet HTML 123Page - Silicon Laboratories EM346-RTR Datasheet HTML 124Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 142 page
background image
EM346
Rev 1.0
121
17. Pin Definitions
17.1. Pin Definitions
Figure 17.1. EM346 Pin Definitions
Refer to "7. GPIO (General Purpose Input/Output)" on page 48 for details about selecting GPIO pin functions.
VDD_24MHZ
VDD_VCO
RF_N
RF_P
VDD_RF
RF_TX_ALT_P
RF_TX_ALT_N
VDD_IF
NC
VDD_PADSA
PC5, TX_ACTIVE
PB0, VREF, IRQA, TRACECLK
PC4, JTMS, SWDIO
PC3, JTDI
PC2, JTDO, SWO
SWCLK, JTCK
PB2, SC1MOSI, SC1RXD
PB1, SC1MISO, SC1TXD
NC
VDD_PADS
PA5, PTI_DATA, nBOOTMODE, TRACEDATA3
PA4, PTI_EN, TRACEDATA2
NC
13 14 15 16 17 18 19 20 21 22 23 24
12
11
nRESET
10
9
8
7
6
5
4
3
2
1
25
26
27
28
29
30
31
32
33
34
35
36
48 47 46 45 44 43 42 41 40 39 38 37
49
GND
EM346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More