Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL13A-ASWB Fiches technique(PDF) 48 Page - ams AG

No de pièce SL13A-ASWB
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB Fiches technique(HTML) 48 Page - ams AG

Back Button SL13A-ASWB Datasheet HTML 41Page - ams AG SL13A-ASWB Datasheet HTML 42Page - ams AG SL13A-ASWB Datasheet HTML 43Page - ams AG SL13A-ASWB Datasheet HTML 44Page - ams AG SL13A-ASWB Datasheet HTML 45Page - ams AG SL13A-ASWB Datasheet HTML 46Page - ams AG SL13A-ASWB Datasheet HTML 47Page - ams AG SL13A-ASWB Datasheet HTML 48Page - ams AG SL13A-ASWB Datasheet HTML 49Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
SL13A – 48
ams Datasheet: 2014-May-06 [v1-01]
Content G u i d e
1
General Description
1
Key Benefits & Features
2
Applications
2
Block Diagram
3
Pin and Pad Layout
5Absolute Maximum Ratings
5
Operating Conditions
6
Electrical Characteristics
8
Detailed Description
8
Supply Arrangement
8Analog Front End (AFE)
9Processing and Digital Control
9
Serial Interface (SPI)
9
Real-Time Clock (RTC)
9
Temperature Sensor
9
External Sensor
10
A/D Converter
10
EEPROM Organization and Security
10
Fully Passive Operation
11
Functional Description
11
Initializing the Chip
11
Ready State
11
Active State
11
Logging State
12
Passive State
13
State Diagram
13
Commands
13
Request Command Structure
14
Response Structure
16
Command Description
19
Inventory - #01
19
Stay Quiet - #02
20
Read Block - #03
20
Read Blocks - #04
20
Write Block - #05
20
Lock Block - #06
21
Write AFI - #07
21
Lock AFI - #08
21
Write DSFID - #09
22
Lock DSFID - #10
22
Reset to Ready - #11
22
Get System Info - #12
23
Set Password - #13
23
Set Log Mode - #14
24
Set Log Limits - #15
24
Get Measurement Setup - #16
24
Set External Calibration Data - #17
25
Set Internal Calibration Data - #18
25
Set Passive - #19
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49