Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL13A-ASWB Fiches technique(PDF) 46 Page - ams AG

No de pièce SL13A-ASWB
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB Fiches technique(HTML) 46 Page - ams AG

Back Button SL13A-ASWB Datasheet HTML 41Page - ams AG SL13A-ASWB Datasheet HTML 42Page - ams AG SL13A-ASWB Datasheet HTML 43Page - ams AG SL13A-ASWB Datasheet HTML 44Page - ams AG SL13A-ASWB Datasheet HTML 45Page - ams AG SL13A-ASWB Datasheet HTML 46Page - ams AG SL13A-ASWB Datasheet HTML 47Page - ams AG SL13A-ASWB Datasheet HTML 48Page - ams AG SL13A-ASWB Datasheet HTML 49Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
SL13A – 46
ams Datasheet: 2014-May-06 [v1-01]
Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams AG standard warranty as given in the General Terms of
Trade, but these products have been superseded and
should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49