Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL13A-ASWB Fiches technique(PDF) 39 Page - ams AG

No de pièce SL13A-ASWB
Description  Smart Sensory Tag Chip For Unique Identification, Monitoring and Data Logging
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

SL13A-ASWB Fiches technique(HTML) 39 Page - ams AG

Back Button SL13A-ASWB Datasheet HTML 35Page - ams AG SL13A-ASWB Datasheet HTML 36Page - ams AG SL13A-ASWB Datasheet HTML 37Page - ams AG SL13A-ASWB Datasheet HTML 38Page - ams AG SL13A-ASWB Datasheet HTML 39Page - ams AG SL13A-ASWB Datasheet HTML 40Page - ams AG SL13A-ASWB Datasheet HTML 41Page - ams AG SL13A-ASWB Datasheet HTML 42Page - ams AG SL13A-ASWB Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
ams Datasheet: 2014-May-06 [v1-01]
SL13A – 39
Appl icatio ns
Passive Mode
Figure 29 shows a typical application without battery (passive
mode).
The SL13A chip also works in passive mode with no battery,
without the real-time clock function. This approach is intended
for applications in which a reader initiates the logging and
time-stamps the logging data.
The chip controls whether it takes data from internal or external
sensors. Access to the smart label chip is protected through a
3-level password authentication. Users can add other types of
external sensors to monitor shock control, humidity, or other
factors.
Figure 29:
Typical Passive Mode Application
VEXT
VBAT
VSS
ANT1
ANT2
DIN
CLK
CE
Optional
External
Sensor
Antenna
Coil
SEXT
TEST
DOUT
3
16
11
15
14
10
6
5
12
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49