| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5403D-HTST Fiches technique(PDF) 53 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5403D-HTST Fiches technique(HTML) 53 Page - ams AG |
|
53 / 66 page ![]() ams Datasheet Page 53 [v1-06] 2015-Aug-28 Document Feedback AS5403A/D/E − Device Configuration Figure 76: Register Position 1 0x547 Figure 77: Register Position 2 0x301 Figure 78: Register Bi Component 0x548 Figure 79: Register Bj Component 0x549 Register Hex Access Bit Function Note 0x547 R D15 (MSB) Position 1 Position 1 value signed output : D0 (LSB) Register Hex Access Bit Function Note 0x301 R D15 (MSB) Position 2 Position 2 value unsigned output 12 bit number MSBs = zero : D0 (LSB) Register Hex Access Bit Function Note 0x548 R D15 (MSB) Bi Magnetic field component Bi. Content dependant on sequencer control settings and table selection : D0 (LSB) Register Hex Access Bit Function Note 0x549 R D15 (MSB) Bj Magnetic field component Bj. Content dependant on sequencer control settings and table selection : D0 (LSB) |