Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5403D-HTST Fiches technique(PDF) 46 Page - ams AG

No de pièce AS5403D-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5403D-HTST Fiches technique(HTML) 46 Page - ams AG

Back Button AS5403D-HTST Datasheet HTML 42Page - ams AG AS5403D-HTST Datasheet HTML 43Page - ams AG AS5403D-HTST Datasheet HTML 44Page - ams AG AS5403D-HTST Datasheet HTML 45Page - ams AG AS5403D-HTST Datasheet HTML 46Page - ams AG AS5403D-HTST Datasheet HTML 47Page - ams AG AS5403D-HTST Datasheet HTML 48Page - ams AG AS5403D-HTST Datasheet HTML 49Page - ams AG AS5403D-HTST Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-06] 2015-Aug-28
AS5403A/D/E − Device Configuration
Figure 62:
EEPROM DSW Settings 0x1FB
Figure 63:
EEPROM Customer ID 0x1FC
Register
Hex
Access
Bit
Function
Default
Note
0x1FB
R/W
D15 (MSB)
Reserved
0
D14
Reserved
0
:0
D10
0
D9
Reserved
0
D8
Reserved
0
D7
DSW_POL
0
Polarity:
0 = low level
1 = high level
D6
DSW HYST <2>
0
DSW Hysteresis:
000 = 4 LSB; 001 = 8 LSB; 010 = 16
LSB; 011 = 32 LSB; 100 = 48 LSB;
101 = 64 LSB; 110 = 96 LSB;
111 =128 LSB; LSB are on 12 bits
::
0
D4
DSW HYST <0>
0
D3
DSW SW POINT
<11>
0
Upper 4 bits of the switching point
::
:
D0 (LSB)
DSW SW POINT
<8>
0
Register
Hex
Access
Bit
Function
Default
Note
0x1FC
R/W
D15 (MSB)
CUST ID
0
Customer ID number 7 to 0
::
D8
0
D7
CUST ID
0
Extended Byte
::
D0 (LSB)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66