Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5403D-HTST Fiches technique(PDF) 45 Page - ams AG

No de pièce AS5403D-HTST
Description  3D Hall Position Sensor for Linear and Off-Axis Applications
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5403D-HTST Fiches technique(HTML) 45 Page - ams AG

Back Button AS5403D-HTST Datasheet HTML 41Page - ams AG AS5403D-HTST Datasheet HTML 42Page - ams AG AS5403D-HTST Datasheet HTML 43Page - ams AG AS5403D-HTST Datasheet HTML 44Page - ams AG AS5403D-HTST Datasheet HTML 45Page - ams AG AS5403D-HTST Datasheet HTML 46Page - ams AG AS5403D-HTST Datasheet HTML 47Page - ams AG AS5403D-HTST Datasheet HTML 48Page - ams AG AS5403D-HTST Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
ams Datasheet
Page 45
[v1-06] 2015-Aug-28
Document Feedback
AS5403A/D/E − Device Configuration
Figure 61:
EEPROM DSW Pin Configuration 0x1FA
Register
Hex
Access
Bit
Function
Default
Note
0x1FA
R/W
D15 (MSB)
DSW SW POINT
<7:0>
0
Low byte of the switching point
::
D8
0
D7
DSW FALL <1>
0
Threshold for the fall time check.
00 = no check
01 = 24 to 28 μs
10 = 56 to 60 μs
11 = 120 to 124 μs
D6
DSW FALL <0>
0
D5
DSW RISE <1>
0
Threshold for the rise time check.
00 = no check
01 = 24 to 28 μs
10 = 56 to 60 μs
11 = 120 to 124 μs
D4
DSW RISE <0>
0
D3
Reserved
0
D2
DSW CFG <2>
0
Output driver configuration DSW
pin. See Figure 23
D1
:
0
D0 (LSB)
DSW CFG <0>
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66