Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5410 Fiches technique(PDF) 47 Page - ams AG

No de pièce AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Fiches technique(HTML) 47 Page - ams AG

Back Button AS5410 Datasheet HTML 43Page - ams AG AS5410 Datasheet HTML 44Page - ams AG AS5410 Datasheet HTML 45Page - ams AG AS5410 Datasheet HTML 46Page - ams AG AS5410 Datasheet HTML 47Page - ams AG AS5410 Datasheet HTML 48Page - ams AG AS5410 Datasheet HTML 49Page - ams AG AS5410 Datasheet HTML 50Page - ams AG AS5410 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
ams Datasheet
Page 47
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Package Drawings & Markings
Figure 53:
Pixel Cell Placement
Note(s) and/or Footnote(s):
1. All dimensions in mm.
2. Die thickness 203
μm nom.
3. Adhesive thickness 30 ± 15
μm.
4. Leadframe downest 152 ± 25
μm.
5. Leadframe thickness 125 ± 8
μm.
Package Drawings & Markings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56