| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5410 Fiches technique(PDF) 13 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5410 Fiches technique(HTML) 13 Page - ams AG |
|
13 / 56 page ![]() ams Datasheet Page 13 [v2-04] 2015-Oct-07 Document Feedback AS5410 − Detailed Description Figure 14: Hardware Connection Between AS5410 and Microcontroller Figure 15: SPI Timing Diagram The data bits sent to the chip via MOSI and the data bits received from the chip via MISO are defined as follows (see also Figure 15): A15 … A00 : 16-bit register address W15 … W00 : 16-bit write data (in write mode) X15 … X00, Y15 : 16-bit read data or previous command (depending on mode) R15 … R0 : 16-bit read data in read mode or previous data in write mode AS5410 µC MOSI MISO SCK CS_N MISO MOSI SCK SS/ Ready Ready optional wiring mandatory wiring |