Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5410 Fiches technique(PDF) 28 Page - ams AG

No de pièce AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Fiches technique(HTML) 28 Page - ams AG

Back Button AS5410 Datasheet HTML 24Page - ams AG AS5410 Datasheet HTML 25Page - ams AG AS5410 Datasheet HTML 26Page - ams AG AS5410 Datasheet HTML 27Page - ams AG AS5410 Datasheet HTML 28Page - ams AG AS5410 Datasheet HTML 29Page - ams AG AS5410 Datasheet HTML 30Page - ams AG AS5410 Datasheet HTML 31Page - ams AG AS5410 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Page 28
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Register Description
Register 0033h
Figure 35:
Register 0033h
Register
Access
Bit
Function
Note
0033h:
Page WRITE
E²PROM data
R/W
D15 (MSB)
D15
To page write E²PROM contents, the E²PROM data
must be specified in this register.
D14
D14
D13
D13
D12
D12
D11
D11
D10
D10
D9
D9
D8
D8
D7
D7
D6
D6
D5
D5
D4
D4
D3
D3
D2
D2
D1
D1
D0 (LSB)
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56