Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LIS2DS12TR Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce LIS2DS12TR
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12TR Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button LIS2DS12TR Datasheet HTML 42Page - STMicroelectronics LIS2DS12TR Datasheet HTML 43Page - STMicroelectronics LIS2DS12TR Datasheet HTML 44Page - STMicroelectronics LIS2DS12TR Datasheet HTML 45Page - STMicroelectronics LIS2DS12TR Datasheet HTML 46Page - STMicroelectronics LIS2DS12TR Datasheet HTML 47Page - STMicroelectronics LIS2DS12TR Datasheet HTML 48Page - STMicroelectronics LIS2DS12TR Datasheet HTML 49Page - STMicroelectronics LIS2DS12TR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
Register description
LIS2DS12
46/68
DocID027753 Rev 4
Table 48. Control register 4 description
8.13
CTRL5 (24h)
Control register 5 (r/w): interrupt 2 configuration
Table 49. Control register 5
Table 50. Control register 5 description
INT1_MASTER_DRDY
Manage the Master DRDY signal on INT1 pad. Default: 0
(0: disable Master DRDY on INT1; 1: enable Master DRDY on INT1)
INT1_S_TAP
Single-tap recognition is routed on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_WU
Wakeup recognition is routed on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_FF
Free-fall recognition is routed on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_TAP
Double-tap recognition is routed on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_6D
6D recognition is routed on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_FTH
FIFO threshold interrupt is routed on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_DRDY
Data-Ready is routed on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
DRDY_
PULSED
INT2_
BOOT
INT2_
ON_INT1
INT2_
TILT
INT2_
SIG_MOT
INT2_
STEP_
DET
INT2_
FTH
INT2_
DRDY
DRDY_
PULSED
Data-ready interrupt mode selection: latched mode / pulsed mode. Default value: 0
(0: latched mode; 1: pulsed mode for data-ready)
INT2 _BOOT
Boot state routed on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2 _ON INT1 All signals routed on INT2 are also routed on INT1. Default value: 0
(0: disabled; 1: enabled)
INT2 _TILT
Tilt event is routed on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2 _SIG_
MOT
Significant motion detection is routed on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2 _
STEP_DET
Step detection is routed on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_FTH
FIFO threshold interrupt is routed on INT2 pad. Default value: 0
(0: disabled; 1: enabled)
INT2_DRDY
Data-Ready is routed on INT2 pad. Default value: 0
(0: disabled; 1: enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68