Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LIS2DS12TR Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce LIS2DS12TR
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12TR Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button LIS2DS12TR Datasheet HTML 34Page - STMicroelectronics LIS2DS12TR Datasheet HTML 35Page - STMicroelectronics LIS2DS12TR Datasheet HTML 36Page - STMicroelectronics LIS2DS12TR Datasheet HTML 37Page - STMicroelectronics LIS2DS12TR Datasheet HTML 38Page - STMicroelectronics LIS2DS12TR Datasheet HTML 39Page - STMicroelectronics LIS2DS12TR Datasheet HTML 40Page - STMicroelectronics LIS2DS12TR Datasheet HTML 41Page - STMicroelectronics LIS2DS12TR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
Digital interfaces
LIS2DS12
38/68
DocID027753 Rev 4
6.2.3
SPI read in 3-wire mode
3-wire mode is entered by setting the CTRL2 (21h) (SIM) bit equal to ‘1’ (SPI serial interface
mode selection).
Figure 19. SPI read protocol in 3-wire mode
The SPI read command is performed with 16 clock pulses:
bit 0: READ bit. The value is 1.
bit 1-7: address AD(6:0). This is the address field of the indexed register.
bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSb first).
A multiple read command is also available in 3-wire mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68