Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LIS2DS12TR Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce LIS2DS12TR
Description  ultra-low-power high-performance 3-axis "pico" accelerometer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DS12TR Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button LIS2DS12TR Datasheet HTML 40Page - STMicroelectronics LIS2DS12TR Datasheet HTML 41Page - STMicroelectronics LIS2DS12TR Datasheet HTML 42Page - STMicroelectronics LIS2DS12TR Datasheet HTML 43Page - STMicroelectronics LIS2DS12TR Datasheet HTML 44Page - STMicroelectronics LIS2DS12TR Datasheet HTML 45Page - STMicroelectronics LIS2DS12TR Datasheet HTML 46Page - STMicroelectronics LIS2DS12TR Datasheet HTML 47Page - STMicroelectronics LIS2DS12TR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
Register description
LIS2DS12
44/68
DocID027753 Rev 4
8.10
CTRL2 (21h)
Control register 2 (r/w)
Table 42. Control register 2
Table 43. Control register 2 description
BOOT
SOFT_
RESET
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
FUNC_CFG_
EN(2)(3)(4)
2. When this bit is enabled, only advanced configuration registers can be written. For proper functionality of
the device, all the other registers must not be modified.
3. Details of advanced configuration registers are available in Section 9: Advanced configuration register
mapping and Section 10: Advanced configuration registers description.
4. To disable the advanced configuration, bit FUNC_CFG_EN in CTRL2 (3Fh) must be set to '0'. Refer to
Section 10.8: CTRL2 (3Fh).
FDS_
SLOPE
IF_ADD_
INC
I2C_
DISABLE
SIM
BOOT
Forces the reboot of the flash content in the trimming and configuration registers.
Default value: 0 (0: disable; 1: Reboot enable)
SOFT_RESET Soft reset acts as reset for all control registers, then goes to 0.
Default value: 0 (0: disabled; 1: enabled)
FUNC_CFG_
EN
Access to pedometer/sensor hub advanced configuration registers from address
2Bh to 3Fh.
Default value: 0
(0: disable the access to pedometer/sensor hub advanced configuration registers;
1: enable the access to pedometer/sensor hub advanced configuration registers)
FDS_SLOPE
High-pass filter data selection on output register and FIFO. Default value: 0
(0: internal filter bypassed; 1: internal filter enabled on output register and FIFO)
IF_ADD_INC
Register address automatically incremented during multiple byte access with a
serial interface (I2C or SPI). Default value: 1 (0: disabled; 1: enabled)
I2C_DISABLE
Disable I2C communication protocol. Default value: 0
(0: SPI and I2C interfaces enabled; 1: I2C mode disabled)
SIM
SPI serial interface mode selection. Default value: 0
0: 4-wire interface; 1: 3-wire interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68