Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPT112S Fiches technique(PDF) 29 Page - Silicon Laboratories

No de pièce CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Fiches technique(HTML) 29 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 25Page - Silicon Laboratories CPT112S Datasheet HTML 26Page - Silicon Laboratories CPT112S Datasheet HTML 27Page - Silicon Laboratories CPT112S Datasheet HTML 28Page - Silicon Laboratories CPT112S Datasheet HTML 29Page - Silicon Laboratories CPT112S Datasheet HTML 30Page - Silicon Laboratories CPT112S Datasheet HTML 31Page - Silicon Laboratories CPT112S Datasheet HTML 32Page - Silicon Laboratories CPT112S Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Dimension
Min
Typ
Max
L1
0.00
—
0.10
aaa
—
0.10
—
bbb
—
0.10
—
ddd
—
0.05
—
eee
—
—
0.08
Note:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
3. This drawing is based upon JEDEC Solid State Product Outline MO-248 but includes custom features which are toleranced per
supplier designation.
4. Recommended card reflow profile is per the JEDEC/IPC J-STD-020 specification for Small Body Components.
CPT112S Data Sheet
QFN20 Package Specifications
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35