Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPT112S Fiches technique(PDF) 28 Page - Silicon Laboratories

No de pièce CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Fiches technique(HTML) 28 Page - Silicon Laboratories

Back Button CPT112S Datasheet HTML 24Page - Silicon Laboratories CPT112S Datasheet HTML 25Page - Silicon Laboratories CPT112S Datasheet HTML 26Page - Silicon Laboratories CPT112S Datasheet HTML 27Page - Silicon Laboratories CPT112S Datasheet HTML 28Page - Silicon Laboratories CPT112S Datasheet HTML 29Page - Silicon Laboratories CPT112S Datasheet HTML 30Page - Silicon Laboratories CPT112S Datasheet HTML 31Page - Silicon Laboratories CPT112S Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
6. QFN20 Package Specifications
6.1 QFN20 Package Dimensions
Figure 6.1. QFN20 Package Drawing
Table 6.1. QFN20 Package Dimensions
Dimension
Min
Typ
Max
A
0.50
0.55
0.60
A1
0.00
—
0.05
b
0.20
0.25
0.30
b1
0.275
0.325
0.375
D
3.00 BSC
D2
1.6
1.70
1.80
e
0.50 BSC
e1
0.513 BSC
E
3.00 BSC
E2
1.60
1.70
1.80
L
0.35
0.40
0.45
CPT112S Data Sheet
QFN20 Package Specifications
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35