Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPT112S Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce CPT112S
Description  No firmware development required
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT112S Fiches technique(HTML) 5 Page - Silicon Laboratories

  CPT112S Datasheet HTML 1Page - Silicon Laboratories CPT112S Datasheet HTML 2Page - Silicon Laboratories CPT112S Datasheet HTML 3Page - Silicon Laboratories CPT112S Datasheet HTML 4Page - Silicon Laboratories CPT112S Datasheet HTML 5Page - Silicon Laboratories CPT112S Datasheet HTML 6Page - Silicon Laboratories CPT112S Datasheet HTML 7Page - Silicon Laboratories CPT112S Datasheet HTML 8Page - Silicon Laboratories CPT112S Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
3. Electrical Specifications
3.1 Electrical Characteristics
All electrical parameters in all tables are specified under the conditions listed in Table 3.1 Recommended Operating Conditions on page
4, unless stated otherwise.
3.1.1 Recommended Operating Conditions
Table 3.1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Operating Supply Voltage on VDD
VDD
1.8
2.4
3.6
V
Minimum RAM Data Retention
Voltage on VDD1
VRAM
Not in Sleep Mode
—
1.4
—
V
Sleep Mode
—
0.3
0.5
V
Operating Ambient Temperature
TA
–40
—
85
°C
Note:
1. All voltages with respect to GND.
CPT112S Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.1 | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35