Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L8708H Fiches technique(PDF) 57 Page - Zilog, Inc.

No de pièce L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Fiches technique(HTML) 57 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 53Page - Zilog, Inc. L8708H Datasheet HTML 54Page - Zilog, Inc. L8708H Datasheet HTML 55Page - Zilog, Inc. L8708H Datasheet HTML 56Page - Zilog, Inc. L8708H Datasheet HTML 57Page - Zilog, Inc. L8708H Datasheet HTML 58Page - Zilog, Inc. L8708H Datasheet HTML 59Page - Zilog, Inc. L8708H Datasheet HTML 60Page - Zilog, Inc. L8708H Datasheet HTML 61Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
DS96LV00800
P R E L I M I N A R Y
57
1
Figure 48. T16 Control Register
((0D) 2H: Read/Write Except Where Noted)
D7 D6
D5
D4
D3
D2
D1
D0
CTR2 (0D) 02H
0 P35 is Port Output*
1 P35 is TC16 Output
0 Disable T16 Time-Out Interrupt
1 Enable T16 Time-Out Interrupt
0 0 SCLK on T16
0 1 SCLK/2 on T16
1 0 SCLK/4 on T16
1 1 SCLK/8 on T16
* Default Setting After Reset
0 Disable T16 Data Capture Interrupt
1 Enable T16 Data Capture Interrupt
R 0 No T16 Time Out
R 1 T16 Time Out Occurs
W 0 No Effect
W 1 Reset Flag to 0
0 Modulo-N for T16
1 Single Pass for T16
R 0 T16 Disabled *
R 1 T16 Enabled
W 0 Stop T16
W 1 Enable T16
Transmit Mode
0 T16 Recognizes Edge
1 T16 Does Not Recognize Edge
Demodulator Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66