Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L8708H Fiches technique(PDF) 40 Page - Zilog, Inc.

No de pièce L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZILOG [Zilog, Inc.]
Site Internet  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Fiches technique(HTML) 40 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 36Page - Zilog, Inc. L8708H Datasheet HTML 37Page - Zilog, Inc. L8708H Datasheet HTML 38Page - Zilog, Inc. L8708H Datasheet HTML 39Page - Zilog, Inc. L8708H Datasheet HTML 40Page - Zilog, Inc. L8708H Datasheet HTML 41Page - Zilog, Inc. L8708H Datasheet HTML 42Page - Zilog, Inc. L8708H Datasheet HTML 43Page - Zilog, Inc. L8708H Datasheet HTML 44Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
40
P R E L I M I N A R Y
DS96LV00800
Figure 30. Demodulation Mode Flowchart
T8 (8-Bit)
Demodulation Mode
T8_Enable
CTR0, D7
No
Yes
First
Edge Present
No
T8_Enable Bit Set
Yes
Set Edge Present Status
Bit And Trigger Data
Capture Int. If Enabled
No
%FF
→ TC8
Yes
Enable TC8
Edge Present
Disable T8
Yes
T8 Time Out
Yes
Set Time-out Status
Bit And Trigger Time
Out Int. If Enabled
No
Continue Counting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66